PART |
Description |
Maker |
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVC541A 74LVC541AD 74LVC541ADB 74LVC541APW 7LVC5 |
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-State) Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路缓冲线路驱动伏耐输输出三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC74HCT244SD MC54_74HCT244A MC74HCT244 ON1516 MC74 |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs HCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL 3-STATE NONINVERTING BUFFER/LLNE DRLVER/LINE RECEIVER WITH LSTTL-COMPATIVLE INPUTS
|
Motorola Mobility Holdings, Inc. ON Semi Motorola, Inc
|
DM74ALS541 DM74ALS541N DM74ALS541SJ DM74ALS541WM D |
Octal Buffers and Line Drivers with 3-STATE Outputs Octal Buffer and Line Driver with 3-STATE Outputs 8-Bit Non-Inverting Buffer/Driver
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LV541 74LV541_2 74LV541D 74LV541DB 74LV541N 74LV |
Octal buffer/line driver (3-State) From old datasheet system Octal buffer/line driver 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74ABT541 74ABT541D 74ABT541DB 74ABT541N 74ABT541PW |
Octal buffer/line driver 3-State Octal buffer/line driver (3-State) From old datasheet system
|
NXP Semiconductors Philips Semiconductors
|
74F24004 MSA20 74F240 74F240_04 74F240PC 74F240SC |
Octal Buffer/Line Driver with 3-STATE Outputs (Inverting) Octal Buffers/Line Drivers with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT2244 74ABT2244D 74ABT2244DB 74ABT2244N 74ABT2 |
Octal buffer/line driver with 30W series From old datasheet system Octal buffer/line driver with 30ohm series termination resistors 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX540MTC 74LCX540WM 74LCX540 74LCX540BQX 74LCX5 |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|